PART |
Description |
Maker |
ILC7071 |
100mA SOT-23-5 Ultra Low Noise CMOS RF-LDO™
|
Fairchild Semiconductor
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
LT1761-3.3 1761FAS |
100mA, Low Noise, Low Dropout Micropower Regulator in SOT-23 From old datasheet system
|
Linear
|
LDO58 |
IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|
ILC7071AIM533X ILC7071 ILC7071AIM525X ILC7071AIM52 |
0.10A Low Dropout Voltage Regulator 100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LT3024EDE LT3024EFE LT3024 |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
LT3023EMSE LT3023 LT3023EDD |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
|
LINER[Linear Technology]
|
NCP752 NCP752ASN18T1G NCP752ASN33T1G NCP752ASN30T1 |
200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
|
ON Semiconductor
|
LT3080- LT3060MPTS8-1.5 LT3060MPTS8-2.5 LT3060MPTS |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology http://
|
HA-5137A |
Op Amp, 63MHz, Precision, Ultra-Low Noise, Minimum Gain of 5 63MHz/ Ultra-Low Noise Precision Operational Amplifier
|
Intersil Corporation
|
CS5534-AS CS5534-BS CS5531-AS CS5532-BS CS5533 CS5 |
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA 16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA 4-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA 16位和24位ADC与超低噪PGIA
|
CRYSTAL SEMICONDUCTOR CORP CIRRUS LOGIC INC Cirrus Logic, Inc.
|
MGA-633P8-BLKG MGA-633P8-TR1G |
Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|